PART |
Description |
Maker |
APTM100UM65DAG |
Single Switch Series Diodes
|
Microsemi
|
HGTP3N60A4D HGTP3N60A4D9A HGT1S3N60A4DS HGT1S3N60A |
600V, SMPS Series N-Channerl IGBT with Anti-Paralle Hyperfast Diode 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
APTM120U10SCAVG |
Single Switch Series And Parallel Diodes
|
Microsemi
|
FST34X2245QSP FST34X2245 |
32-Bit Bus Switch with 25-Ohm Series Resistors in Outputs 32-Bit Bus Switch with 25 Series Resistors in Outputs From old datasheet system 32-Bit Bus Switch with 25з Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FST162245 FST162245MTD FST162245MTDX |
16-Bit Bus Switch with 25 Series Resistors in Outputs 16-Bit Bus Switch with 25з Series Resistors in Outputs 16-Bit Bus Switch with 25???? Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 6.10 MM, MO-153, TSSOP-48
|
Fairchild Semiconductor, Corp.
|
SC-A142C SC-1420 SC-1421 SC-1427 SC-1429 SC-142A S |
CRYSTAL CLOCK OSCILLATORS SE Series Environmentally Sealed Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Normally Closed Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Quick-connect (H58) Termination
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
APTM100UM45D-ALN |
Single switch with Series diode MOSFET Power Module
|
ADPOW[Advanced Power Technology]
|
APTM120UM70DAG |
Single switch with Series diodes MOSFET Power Module
|
Microsemi Corporation
|
APTGL475U120DAG |
Single switch with Series diode Trench Field Stop IGBT4
|
Microsemi Corporation
|
CXK58257 CXK58257AM CXK58257AM-10 CXK58257AM-10L C |
32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM AC Series Door Switch, Single Pole Double Throw (SPDT) (4), 250 Vac, 5 A, Rod Actuator, Solder Termination 32768字8位高速CMOS静态RAM AC Series Door Switch, Single Pole Double Throw (SPDT) (2), 250 Vac, 5 A, Rod Actuator, Solder Termination
|
Sony, Corp. SONY[Sony Corporation] http://
|
RZ-1205S RZ-XX05S RZ-0505 RZ-0505S RZ-0512S RZ-051 |
0.5 Watt SMD Isolated Single Output 0.5瓦单输出隔离贴片 ZV Series, Subminiature Basic Switch, SPDT, 125/250 Vac, 0.1 A, Pin Plunger Actuator, Quick Connect Termination 5015 RR 14#16 PIN RECP ZV Series, Subminiature Basic Switch, SPDT, 6(2)A 250 Vac, 6 A, Straight Lever Actuator, Quick Connect Termination
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
M37515M4-C07HP M37515M4-C05HP M37515M4-C08HP M3751 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER TD1104 series detector switch features long travel and a smooth operation
|
Mitsubishi Electric Corporation
|